Part Number Hot Search : 
21620 215DH 07231438 255788 M491B1 020180MH 12S15 SMAJ10
Product Description
Full Text Search
 

To Download GV93 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Frequency PECL VCXO
Specifications
GV93
Variant GV93-5 120 ~ 137MHz 144 ~ 168MHz 174 ~ 205MHz 237 ~ 275MHz 288 ~ 336MHz 348 ~ 410MHz 474 ~ 550MHz 576 ~ 672MHz 696 ~ 821MHz GV93-6 Option Codes
Parameters
Frequency range:
14.00 (max)
11.70 (max)
Frequency adjustment: 75ppm min ~ 140ppm max +2.5V 2.0V, <10% linearity > 50k input impedance at <10kHz Operating temperature range: 0 to +70C -40 to +85C Frequency stability: SOLDER PAD LAYOUT 50ppm 100ppm 20ppm 2 3 4
ACTUAL SIZE
0.10 3.80 (max)
2.54 2.50 1 2 3 4 5
2.54
1.30
Storage temperature range: -55 to +125C
3.20
Supply voltage (VDD): +5.0V (5%) Supply current: 100mA max
6.40 10 9 8 7 6 3.20 0.80 PAD 1 2 3 4 5 6 7 8 9 10 CONNECTION
Not connected or Enable/Disable
TOP VIEW
Output waveform: PECL squarewave (open emitter output requires a pull-down resistor) Logic levels: `0' level = 2.9V min,3.4V max `1' level = 4.0V min, 4.5V max Waveform symmetry: 45:55 at 50%VDD Rise / fall time: Jitter: 750ps max 10ps RMS max
Freq adjustment Not connected Ground Not connected
Output 2 or Not connected
Output 1 Internal test Supply Not connected
Scale 2:1
Phase noise: -100dBc/Hz typ @ 10kHz Connection options: Pad 1 NC, Pad 6 NC Pad 1 NC, Pad 6 complementary o/p Pad 1 E/D, Pad 6 NC Pad 1 E/D, Pad 6 complementary o/p Standard. Optional - Please specify required code(s) when ordering 0 1 2 3
Features

PECL squarewave Frequencies up to 821MHz Choice of stability & configuration Compact SM ceramic package Industrial temperature range option
Enable / Disable Function
Input (pin 1) Open 1.5V min 0.5V max Output (pin 7) Disabled (low) Disabled (low) Enabled Comp o/p (pin 6) Disabled (high) Disabled (high) Enabled
Standard Frequencies
Frequencies in MHz 125.0000 139.2640 Other frequencies available. Please consult our sales office. Tel: +44 1460 256 100
06 Mar 2000
Ordering Information
155.5200 622.0800
Product variant + stability option code + connection option code + frequency eg: GV93-541 0+70C, 20ppm, pin 1 NC, pin 6 comp o/p GV93-632 -40+85C, 100ppm, pin 1 E/D, pin 6 NC
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GV93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X